PART |
Description |
Maker |
ISPLSI2128VE ISPLSI2128VE-100LB100 ISPLSI2128VE-10 |
3.3V In-System Programmable SuperFAST?High Density PLD CRYSTAL 32.768KHZ 12.5PF SMD 3.3V In-System Programmable SuperFAST?/a> High Density PLD 3.3V In-System Programmable SuperFAST⑩ High Density PLD 3.3V In-System Programmable SuperFAST High Density PLD CRYSTAL 12.0 MHZ 20PF SMD 3.3V In-System Programmable SuperFASTHigh Density PLD EE PLD, 7.5 ns, PQFP176 3.3V In-System Programmable SuperFASTHigh Density PLD EE PLD, 7.5 ns, PBGA208 3.3V In-System Programmable SuperFASTHigh Density PLD EE PLD, 6 ns, PBGA208 3.3V In-System Programmable SuperFASTHigh Density PLD EE PLD, 10 ns, PBGA100 3.3V In-System Programmable SuperFASTHigh Density PLD EE PLD, 7.5 ns, PBGA100 3.3V In-System Programmable SuperFASTHigh Density PLD EE PLD, 7.5 ns, PQFP160 3.3V In-System Programmable SuperFASTHigh Density PLD EE PLD, 7.5 ns, PQFP100 3.3V In-System Programmable SuperFASTHigh Density PLD 3.3在系统可编程超快⑩高密度可编程逻辑器件 3.3VIn-SystemProgrammableSuperFASTHighDensityPLD 3.3V In-System Programmable SuperFAST?/a> High Density PLD
|
LATTICE[Lattice Semiconductor] Lattice Semiconductor Corporation Lattice Semiconductor, Corp.
|
ISPLSI2064VL-100LB100 ISPLSI2064VL-100LJ44 ISPLSI2 |
2.5V In-System Programmable SuperFAST?High Density PLD 2.5V In-System Programmable SuperFAST?/a> High Density PLD 2.5V In-System Programmable SuperFAST⑩ High Density PLD 2.5V In-System Programmable SuperFAST High Density PLD Turns Counting Dial; Number of Turns:10; Knob/Dial Style:Round Skirted With Indicator Line; Body Material:Aluminum; Shaft Size:1/4; Color:Satin RoHS Compliant: Yes EE PLD, 10 ns, PQFP100 2.5V In-System Programmable SuperFASTHigh Density PLD EE PLD, 10 ns, PQFP100 2.5VIn-SystemProgrammableSuperFASTHighDensityPLD
|
LATTICE[Lattice Semiconductor] Lattice Semiconductor Corporation Lattice Semiconductor, Corp.
|
AMPAL20RP10B/BLA AMPAL20RP6APC AMPAL20RP4APC AMPAL |
RF inductor, ceramic core, 2% tol, SMT, RoHS Fuse-Programmable PLD 保险丝,可编程的PLD
|
HIROSE ELECTRIC Co., Ltd.
|
ISPLSI2032A-110LT48I ISPLSI2032A-135LJI ISPLSI2032 |
In-System Programmable High Density PLD EE PLD, 8 ns, PQFP44 In-System Programmable High Density PLD 在系统可编程高密度可编程逻辑器件 In-System Programmable High Density PLD EE PLD, 10 ns, PQCC44 In-System Programmable High Density PLD EE PLD, 10 ns, PQFP48 In-System Programmable High Density PLD EE PLD, 7.5 ns, PQFP44
|
Lattice Semiconductor Corporation Lattice Semiconductor, Corp.
|
EPM7064TC44-15 EPM7064TC44-7 EPM7128EQC160-10P EPM |
EE PLD, 15 ns, PQFP44 TQFP-44 EE PLD, 7.5 ns, PQFP44 TQFP-44 EE PLD, 10 ns, PQFP160 PLASTIC, QFP-160 EE PLD, 7.5 ns, PQCC84 PLASTIC, LCC-84 EE PLD, 7.5 ns, PQFP160 PLASTIC, QFP-160 EE PLD, 10 ns, PQFP100 PLASTIC, QFP-100 EE PLD, 7.5 ns, PQFP100 PLASTIC, QFP-100 Programmable Logic Device Family High-performance, EEPROM-based programmable logic devices PLDs) based on second-generation MAX architecture Programmable Logic Device Family
|
Altera International Limited Altera Corporation
|
ISPLSI5512VA-70LB388 ISPLSI5512VA-70LB272 ISPLSI55 |
Electrically-Erasable Complex PLD In-System Programmable 3.3V SuperWIDEHigh Density PLD In-System Programmable 3.3V SuperWIDE High Density PLD In-System Programmable 3.3V SuperWIDE?High Density PLD
|
Lattice Semiconductor Corporation
|
0263.375TX832 026301.5TX832 263.125 0263.125TX832 |
FUSE 375MA VERY FAST Low-Input-Voltage, 300mA LDO Regulators with RESET in SOT and TDFN FUSE 125MA VERY FAST FUSE 750MA VERY FAST FUSE 500MA VERY FAST FUSE 250MA VERY FAST FUSE 62MA VERY FAST FUSE 3.5A VERY FAST FUSE 5.0A VERY FAST FUSE 3.0A VERY FAST FUSE 2.0A VERY FAST FUSE 1.0A VERY FAST FUSE 4.0A VERY FAST FUSE 2.5A VERY FAST 特快速保险丝.5a FUSE 1.5A VERY FAST 保险.5A非常快
|
Littelfuse, Inc. KEMET Corporation
|
ISPLSI1016E06 ISPLSI1016E125LTN44I ISPLSI1016E80LT |
EE PLD, 18.5 ns, PQFP44 EE PLD, 18.5 ns, PQCC44 EE PLD, 13 ns, PQCC44 EE PLD, 10 ns, PQFP44 In-System Programmable High Density PLD
|
LATTICE SEMICONDUCTOR CORP
|
ISPLSI2128VL-100LB100 ISPLSI2128VL-100LB208 ISPLSI |
2.5V In-System Programmable SuperFAST⑩ High Density PLD 2.5V In-System Programmable SuperFAST High Density PLD 2.5VIn-SystemProgrammableSuperFASTHighDensityPLD Linear Motion Control; Series:LCL; Track Resistance:5kohm; Resistance Tolerance:20%; Power Rating:3W; Operating Temperature Range:-30 C to C; Resistor Element Material:Conductive Plastic RoHS Compliant: Yes Linear Motion Control; Series:LCP8; Track Resistance:10kohm; Resistance Tolerance: /-15%; Power Rating:0.2W; Operating Temperature Range:-30 C to 105 C; Resistor Element Material:Conductive Plastic RoHS Compliant: Yes EE PLD, 13 ns, PBGA208 Resistors, Variable sliding; Series:LCP15; Track Resistance:10kohm; Resistance Tolerance: /-10%; Power Rating:0.5W; Operating Temperature Range:-30 C to 105 C; Resistor Element Material:Conductive Plastic RoHS Compliant: Yes EE PLD, 13 ns, PBGA100 2.5V In-System Programmable SuperFASTHigh Density PLD EE PLD, 10 ns, PBGA100 2.5V In-System Programmable SuperFASTHigh Density PLD EE PLD, 8.5 ns, PBGA208 2.5V In-System Programmable SuperFASTHigh Density PLD EE PLD, 10 ns, PQFP176 2.5V In-System Programmable SuperFASTHigh Density PLD EE PLD, 8.5 ns, PQFP100 2.5V In-System Programmable SuperFASTHigh Density PLD EE PLD, 8.5 ns, PBGA100
|
LATTICE[Lattice Semiconductor] LatticeSemiconductor Lattice Semiconductor Corporation Lattice Semiconductor, Corp.
|
ATV750 ATV750-20DM ATV750-20DM_883 ATV750-20GM ATV |
THERMISTOR GLASS 250 OHM DO-35 UV PLD, 25 ns, CDIP24 THERMISTOR GLASS 1K OHM DO-35 OT PLD, 25 ns, PDIP24 THERMISTOR GLASS 10K OHM DO-35 OT PLD, 25 ns, PDIP24 THERMISTOR GLASS 30K OHM DO-35 UV PLD, 25 ns, CDIP24 High Density UV Erasable Programmable Logic Device OT PLD, 20 ns, PDIP24 High Density UV Erasable Programmable Logic Device OT PLD, 20 ns, PDSO24 High Density UV Erasable Programmable Logic Device UV PLD, 20 ns, CDIP24 High Density UV Erasable Programmable Logic Device OT PLD, 20 ns, PQCC28 High Density UV Erasable Programmable Logic Device OT PLD, 20 ns, CQCC28 High Density UV Erasable Programmable Logic Device OT PLD, 20 ns, CDIP24 High Density UV Erasable Programmable Logic Device OT PLD, 25 ns, PDIP24
|
ATMEL[ATMEL Corporation] Atmel Corp. Atmel, Corp.
|
|